PART |
Description |
Maker |
HUF76105DK8 FN4380 HUF76105DK8T |
5A/ 30V/ 0.050 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET From old datasheet system 5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 5A, 30V, 0.050 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(5A, 30V, 0.050 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管) TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5A I(D) | SO 5 A, 30 V, 0.072 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Intersil Corporation Intersil, Corp.
|
STB80NE03L-06 5472 -STB80NE03L-06 |
N-Channel 30V-0.005惟-80A- D2PAK STripFETTM Power MOSFET(N???MOSFET) N-Channel 30V-0.005Ω-80A- D2PAK STripFETTM Power MOSFET(N功率MOSFET) From old datasheet system N - CHANNEL 30V - 0.005 - 80A - D 2 PAK STripFET TM POWER MOSFET
|
意法半导 STMicro
|
IRHNB8Z60 IRHNB3Z60 IRHNB4Z60 IRHNB7Z60 |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 75A I(D) | SMT RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3) 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-3 package 30V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-3 package
|
IRF[International Rectifier]
|
STS4DNFS30L 8566 STS4DNFS30 |
N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET⑩ II MOSFET PLUS SCHOTTKY RECTIFIER From old datasheet system N-CHANNEL POWER MOSFET N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET?/a> II MOSFET PLUS SCHOTTKY RECTIFIER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRF3707Z IRF3707ZS IRF3707ZL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
FDMC8296 FDMC829610 |
30V N-Channel Power Trench MOSFET; Package: Power 33 (PQFN); No of Pins: 8; Container: Tape & Reel 12 A, 30 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Power Trench? MOSFET 30V, 18A, 8.0m
|
Fairchild Semiconductor, Corp.
|
FDB8896 FDB8896NL |
N-Channel PowerTrench MOSFET 30V, 93A, 5.7 m ohm 30V N-Channel PowerTrench MOSFET 80 A, 30 V, 0.0068 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDU8874 FDD8874 |
N-Channel PowerTrench MOSFET 30V/ 116A N-Channel PowerTrench MOSFET 30V, 116A 35 A, 30 V, 0.0064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
STK85007 STK850 |
N-channel 30V - 0.0024Ω - 30A - PolarPAK? STripFET Power MOSFET nullN-channel 30V - 0.0024ヘ - 30A - PolarPAK㈢ STripFET⑩ Power MOSFET
|
STMicroelectronics
|
SI4435DY SI4435DYTR |
-30V Single P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V Rds(on)=0.020ohm Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm Power MOSFET(Vdss=-30V/ Rds(on)=0.020ohm SHROUD, PRIVACY; RoHS Compliant: Yes
|
IRF[International Rectifier]
|
ZXMC3A18DN8 ZXMC3A18DN8TA ZXMC3A18DN8TC |
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET 7.6 A, 30 V, 0.025 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N & P-channel MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|